PART |
Description |
Maker |
2N6132 2N6101 2N6491 2N6486 2N6487 2N6489 2N6099 2 |
NPN SILICON TRANSISTOR NPN SILICON TRANSISTOR 15 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB (2N6130 - 2N6134) NPN SILICON TRANSISTOR Leaded Power Transistor General Purpose Leaded Power Transistor Darlington
|
http:// ON Semiconductor Central Semiconductor Corp. Advanced Semiconductor CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
FCX688B FCX688BTA |
TRANSISTOR NPN 12V 3000MA SOT-89 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Zetex Semiconductor PLC Zetex Semiconductors
|
MJ802 |
High-Power NPN Silicon Transistor 30 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-204AA 30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
|
Motorola, Inc. ONSEMI[ON Semiconductor]
|
2SD1592 2SD1592L |
Silicon transistor NPN SILICON TRIPLE DIFFUSED TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-VOLTAGE LOW-SPEED SWITCHING TRANSISTOR | BJT | DARLINGTON | NPN | 300V V(BR)CEO | 5A I(C) | SOT-186
|
NEC Corp.
|
2SC4517 2SC4517A 2SC3832 |
Silicon NPN Triple Diffused Planar Transistor(High Voltage Switching Transistor)(硅NPN三倍扩散平面晶体管(高压开关晶体管 3 A, 550 V, NPN, Si, POWER TRANSISTOR, TO-220AB Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2N1890 JAN2N1890S JAN2N1711S JANTX2N1711 |
NPN LOW POWER SILICON TRANSISTOR NPN Transistor 500 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
Microsemi Corporation MICROSEMI CORP-LAWRENCE
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2SD2495 |
Silicon NPN Triple Diffused Planar Transistor(Darlington)(硅NPN三倍扩散平面达林顿晶体 6 A, 110 V, NPN, Si, POWER TRANSISTOR Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2SC2921 |
Silicon NPN Transistor Silicon NPN Epitaxial Planar Transistor(Audio and General Purpose)
|
Sanken electric
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
JANS2N3700S JANTXV2N3057A JANTX2N3057A JANS2N3057A |
LOW POWER NPN SILICON TRANSISTOR LOW POWER NPN SILICON TRANSISTOR 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|